PART |
Description |
Maker |
SNDR-5H-T SNDX-5H-T SNDX-4H-X SNDR-4H-X SNDX-6S-T |
DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-6SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-2SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-8SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-5SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-9SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-7SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-12SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-1SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-3SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-4SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT DIP Switch (Machine Insertable Type) DIP开关(机可插入式) DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-10SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT
|
Bourns Inc. 开 Bourns, Inc.
|
105020-0003 |
0.50mm (.020) Pitch DisplayPort Male Receptacle, Right Angle, Through Hole, DIP Type, 0.38μm (15u)
|
Molex Electronics Ltd.
|
DD-15PNT-S-CB DD-15PNT-S-CE DD-15PNT-S-DB DD-15PNT |
180隆? Solder Dip (Male / Female) 180° Solder Dip (Male / Female)
|
Yamaichi Electronics Co., Ltd.
|
GT8E-3P-HU GT8E-3P-2H GT8EW-4P-HU GT8E-4P-2H |
3 CONTACT(S), MALE, DIP CONNECTOR, CRIMP, PLUG 3 CONTACT(S), MALE, RIGHT ANGLE DIP CONNECTOR, SURFACE MOUNT 4 CONTACT(S), MALE, DIP CONNECTOR, CRIMP, PLUG 4 CONTACT(S), MALE, RIGHT ANGLE DIP CONNECTOR, SURFACE MOUNT
|
HIROSE ELECTRIC Co., Ltd. TE Connectivity, Ltd.
|
PC123SJ0000F PC123Y2J000F PC123YSJ000F PC123Y5J000 |
1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER ROHS COMPLIANT, PLASTIC, DIP-4 DIP 4pin Reinforced Insulation Type Photocoupler DIP 4pin Reinforced Insulation Type Photocoupler
|
Sharp Microelectronics of the Americas Sharp Electronics, Corp. Sharp Electrionic Components Sharp Electrionic Compo...
|
PC123X2YUP0F PC123X1NSZ0F PC123X1NUP0F PC123X2NSZ0 |
1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER ROHS COMPLIANT, PLASTIC, SMT, DIP-4 DIP 4pin Reinforced Insulation Type Photocoupler
|
Sharp Electrionic Components
|
PR31MA11NXPF PR31MA11NTZF |
Non-Zero Cross type DIP 6pin SSR TRIGGER OUTPUT SOLID STATE RELAY, 5000 V ISOLATION-MAX LEAD FREE, PLASTIC, DIP-6
|
Sharp Electrionic Components Sharp Electronics, Corp.
|
PC4SD11NTZBF PC4SD11NTZCF PC4SD11YXPBF PC4SD11YXPC |
VDRM : 800V Non-zero cross type DIP 6pin Phototriac Coupler for triggering 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER LEAD FREE, PLASTIC, SMT, DIP-6/5
|
Sharp Microelectronics of the Americas Sharp Electrionic Components Sharp Electronics, Corp.
|
PC3SD11NTZ PC3SD11YXPCF PC3SD11NTZBF PC3SD11NTZC P |
VDRM : 600V Non-zero cross type DIP 6pin Phototriac Coupler for triggering 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER LEAD FREE, SMT, PLASTIC, DIP-6/5
|
Sharp Electrionic Components Sharp Electronics, Corp. SHARP ELECTRONICS CORP Sharp Electrionic Component...
|
1-1825059-3 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; ADF04S04=DIP SWT,FLUSH,SMT-GW ( Tyco Electronics )
|
Tyco Electronics
|
|